PART |
Description |
Maker |
2CL2F |
8kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
2CL2H |
12kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
JB289-16 |
35kV 100mA HIGH VOLTAGE DIODE
|
GETAI ELECTRONICS DEVIC...
|
JB289 |
35kV 100mA HIGH VOLTAGE DIODE
|
GETAI ELECTRONICS DEVIC...
|
2CL2FL |
15kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
66181-001 66181-011 66181-101 66181 |
30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc.
|
F40A F60A |
RECTIFIER, up to 6kV, 100mA, 300ns Fast Recovery Axial Rectifier. 4000 V-6000 V. Io=0.25 A 轴向快速恢复整流4000 V000五,木卫一\u003d 0.25 Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压4000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管)
|
Microsemi, Corp. Semtech Corporation
|
HVC08R |
(HVC Series) 100mA High Voltage Silicon Rectifiers
|
International Semiconductor
|
LT1976 LT1976EFE LT1976IFE |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current High Voltage 1.5A/ 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
|
Linear Technology Corporation
|
1N6523 1N6525 |
High Voltage Diodes - Axial Lead 100mA - 500mA ?70ns ?Hermetic ?JANTX ?JANTXV
|
Voltage Multipliers Inc...
|